PART |
Description |
Maker |
VSKH250-08PBF VSKL250-16 SKT250-04PBF SKT250-08PBF |
Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 1600 V, SCR, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 1000 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 377 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 377 A, 1200 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
|
Vishay Semiconductors Vishay Siliconix
|
IRKLF102-08HJ IRKLF112-08HN IRKLF102-06HK IRKLF102 |
164.85 A, 800 V, SCR Silicon Controlled Rectifier, 250 A, 800 V, SCR, POWER, INT-A-PAK-5 Silicon Controlled Rectifier, 164.85 A, 600 V, SCR Silicon Controlled Rectifier, 164.85 A, 1200 V, SCR
|
Vishay Semiconductors
|
NTE5513 NTE5511 NTE5512 |
Silicon controlled rectifier (SCR), 5 Amp. Peak reverse voltage (repetitive) Vrm(rep) = 400V. Forward current RMS Ifrms = 5A. Silicon Controlled Rectifier (SCR) 5 Amp
|
NTE[NTE Electronics]
|
MCR310-010 MCR310-D |
Silicon Controlled Rectifier 10A 800V Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
|
ON Semiconductor
|
TYN058 |
SILICON CONTROLLED RECTIFIER,50V V(DRM) Silicon controlled rectifiers From old datasheet system
|
ST Microelectronics
|
2N1795F 2N1798F 2N1792F 2N1793F 2N1794F 2N1797F 2N |
Silicon Controlled Rectifiers (fase) Silicon Controlled Rectifier; Package: TO-83; IT (Av) (A): 70; VTM (V): 2.1; VGT (V): 3; IGT (µA): 70000; tq (nsec): 40000; Vrrm (V): 400; 110 A, SCR, TO-208AD
|
Microsemi Corporation Microsemi, Corp.
|
CS48-35N CS48-35D CS48-35M CS48-35P CS48-35PB CS48 |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-48
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MCR264-4-D MCR264-4 |
Silicon Controlled Rectifier Reverse Blocking Thyristor(40A400V硅控整流器反向截止晶闸管) 40 A, 200 V, SCR, TO-220AB Silicon Controlled Rectifiers Reverse Blocking Thyristors
|
ON Semiconductor
|
2N5064RLRA 2N5064RLRM 2N5064RLRMG 2N5061RLRM 2N506 |
Thyristor .8A 100V Connector Housing; Series:MicroClasp; No. of Contacts:3; Gender:Female; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 60 V, SCR, TO-92 Silicon Controlled Rectifier .8A 25V Thyristor .8A 200V Thyristor .8A 50V
|
ONSEMI[ON Semiconductor]
|
CS220-8N CS220-8B CS220-8D CS220-8M CENTRALSEMICON |
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 600 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 400 V, SCR, TO-220AB Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MCR100-8G MCR100-4G MCR100-004G |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 0.8 A, 200 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000
|
On Semiconductor
|
ST280S04M1V ST280S06M1V |
Silicon Controlled Rectifier, 440 A, 400 V, SCR, TO-209AB Silicon Controlled Rectifier, 440 A, 600 V, SCR, TO-209AB
|
Vishay Semiconductors
|
|